PART |
Description |
Maker |
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
NTP27N06 NTB27N06 NTB27N06T4 |
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 27 Amps, 60 Volts N?Channel TO?220 and D2PAK Power MOSFET 27 Amps / 60 Volts NChannel TO220 and D2PAK LASER MOD 670NM .95MW MVP ROUND LASER MOD 635NM 4.9MW VHK ROUND 27 A, 60 V, 0.046 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
MTD4N20E MTD4N20ET4 MTD4N20E-1 |
N?Channel DPAK Power MOSFET OBSOLETE - Power MOSFET 4 Amps, 200 Volts
|
ON Semiconductor
|
NTMS5P02R206 NTMS5P02R2G NTMS5P02R2 |
Power MOSFET -5.4 Amps, -20 Volts 3950 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
NT4N03 |
Power MOSFET 4 Amps, 30 Volts
|
ON Semiconductor
|
NTP27N06G NTP27N06L |
Power MOSFET 27 Amps, 60 Volts
|
ON Semiconductor
|
NVMFS5C612NLWFT1G |
Power MOSFET 4 Amps, 20 Volts
|
ON Semiconductor
|
NTQS6463R2 NTQS6463 |
Power MOSFET 6.2 Amps, 20 Volts
|
ONSEMI[ON Semiconductor]
|
|